Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1012 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 14Page - STMicroelectronics AN1012 Datasheet HTML 15Page - STMicroelectronics AN1012 Datasheet HTML 16Page - STMicroelectronics AN1012 Datasheet HTML 17Page - STMicroelectronics AN1012 Datasheet HTML 18Page - STMicroelectronics AN1012 Datasheet HTML 19Page - STMicroelectronics AN1012 Datasheet HTML 20Page - STMicroelectronics AN1012 Datasheet HTML 21Page - STMicroelectronics AN1012 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
TIMEKEEPER products
AN1012
18/33
Doc ID 6395 Rev 4
If data retention lifetimes greater than those shown are required, the user is advised to
choose the version of the device in a SNAPHAT® package. Then, as the battery starts to
reach the end of its useful life, it is possible to remove the SNAPHAT top containing the
nearly expended cell and replace it with a fresh SNAPHAT top. No data will be lost during
the process, provided that the board remains powered up during the operation (although
some time will be lost due to the momentary removal of the 32 kHz crystal). Table 4 shows
which SNAPHAT top part numbers are available.
Table 4.
SNAPHAT part numbers
Part Number
Description
Package
M4Z28-BR00SH
Li Battery (48mAh) for ZEROPOWER products and SUPERVISORS
SNAPHAT
M4Z32-BR00SH
Li Battery (120mAh) for ZEROPOWER products and SUPERVISORS
SNAPHAT
M4T28-BR12SH
Li Battery (48mAh) for TIMEKEEPER products and SUPERVISORS
SNAPHAT
M4T32-BR12SH
Li Battery (120mAh) for TIMEKEEPER products and SUPERVISORS
SNAPHAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com