Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1012 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 10Page - STMicroelectronics AN1012 Datasheet HTML 11Page - STMicroelectronics AN1012 Datasheet HTML 12Page - STMicroelectronics AN1012 Datasheet HTML 13Page - STMicroelectronics AN1012 Datasheet HTML 14Page - STMicroelectronics AN1012 Datasheet HTML 15Page - STMicroelectronics AN1012 Datasheet HTML 16Page - STMicroelectronics AN1012 Datasheet HTML 17Page - STMicroelectronics AN1012 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
TIMEKEEPER products
AN1012
14/33
Doc ID 6395 Rev 4
5.2
TIMEKEEPER® evolution
TIMEKEEPER products have seen a continuous evolutionary cycle since their initial market
introduction in the 1990s.
5.2.1
M48T02 and M48T12
The first TIMEKEEPER products released were the MK48T02 and MK48T12 which offered
2K x 8 RAM and employed the STMicroelectronics 2.0
μm Spectrum™ CMOS technology.
When released, these products included a BR1225 lithium cell with a specified 39 mAh
capacity. This combination offered the user approximately 3.5 years of continuous battery
backup life. Since that time, the devices have been moved to the 4T cell technology
(HCMOS4PZ) and a CAPHAT™ package revision which includes a larger capacity lithium
cell (120 mAh BR1632) capacity, and new part numbers (M48T02/12). These changes
increased the expected battery life to 19 years at 60°C.
Figure 6 shows expected battery lifetime versus temperature with 100% battery backup. The
data shows that by operating the devices at various temperatures, designers can expect a
battery life approaching 20 years under most conditions.
Figure 6.
M48T02/12 data retention lifetime vs. temperature (120 mAh, 100% battery
backup)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com