Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1012 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 9Page - STMicroelectronics AN1012 Datasheet HTML 10Page - STMicroelectronics AN1012 Datasheet HTML 11Page - STMicroelectronics AN1012 Datasheet HTML 12Page - STMicroelectronics AN1012 Datasheet HTML 13Page - STMicroelectronics AN1012 Datasheet HTML 14Page - STMicroelectronics AN1012 Datasheet HTML 15Page - STMicroelectronics AN1012 Datasheet HTML 16Page - STMicroelectronics AN1012 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN1012
TIMEKEEPER products
Doc ID 6395 Rev 4
13/33
5.1
TIMEKEEPER® register map
Table 2 shows a typical register map for the seconds, minutes, hours, date, day, month, and
year fields. This information is stored in Binary Coded Decimal (BCD) format. These basic
functions are available on all TIMEKEEPER devices. Additional features (e.g., watchdog
timer, alarms, battery low flag, and a wake-up function) have additional registers allocated to
them (such as those shown for the M48T37V/Y in Table 2). The TIMEKEEPER register
locations are constructed from BiPORT™ memory cells which allow data access from two
sides. The on-chip system clock connects to one side (the system side) and the user data is
output to connections on the other (the user’s side). At one-second intervals, clock pulses
are generated by the oscillator and clock chain structure. The system side updates the new
time in the TIMEKEEPER registers. Each TIMEKEEPER register location (e.g. minutes,
hours, day) is then updated as necessary. When the user wants to write a new time, the “W”
bit (the Write bit) of the control register is reset, causing the BiPORT cells to upload the new
system time. The user accesses the TIMEKEEPER and array data by executing standard
READ/WRITE cycles.
The oscillator and clock chain structure consists of a mixture of analog and digital circuitry,
and account for the majority of the IBAT current. Table 3 gives conservative estimates of the
currents drawn as a function of technology and working temperature.
Table 2.
Typical TIMEKEEPER (M48T37V/Y) register map
Table 3.
Typical IBAT current for TIMEKEEPER devices
Address
Data
Function
Range
(in BCD
format)
D7
D6
D5
D4
D3
D2
D1
D0
7FFFh
10 Years
Year
Year
00-99
7FFEh
0
0
0
10M
Month
Month
01-12
7FFDh
0
0
10 Date
Date
Date
01-31
7FFCh
0
FT
0
0
0
Day
Day
01-7
7FFBh
0
0
10 Hours
Hours
Hours
00-23
7FFAh
0
10 Minutes
10 Minutes
Minute
00-59
7FF9h
ST
10 Seconds
Seconds
Second
00-59
7FF8h
W
R
S
Calibration
Control
7FF7h
WDS
BMB4 BMB3 BMB2 BMB1 BMB0
RB1
RB0
Watch
7FF6h
AFE
0
ABE
0
0
0
0
0
Interrupt
7FF5h
RPT4
0
AI 10 Date
Alarm Date
A Date
01-31
7FF4h
RPT3
0
AI 10 Hour
Alarm Hour
A Hour
00-23
7FF3h
RPT2
Alarm 10 Minutes
Alarm Minutes
A Minute
00-59
7FF2h
RPT1
Alarm 10 Seconds
Alarm Seconds
A Second
00-59
7FF1h
1000 Years
100 Years
Century
00-99
7FF0h
WDF
AF
0
BL
Z
Z
Z
Z
Flags
Typical at 20°C
Typical at 70°C
Capacity
Technology
Array
Clock
Array
Clock
64 Kbit
4T Cell
40 nA
497 nA
511 nA
619 nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com