Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1012 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 20Page - STMicroelectronics AN1012 Datasheet HTML 21Page - STMicroelectronics AN1012 Datasheet HTML 22Page - STMicroelectronics AN1012 Datasheet HTML 23Page - STMicroelectronics AN1012 Datasheet HTML 24Page - STMicroelectronics AN1012 Datasheet HTML 25Page - STMicroelectronics AN1012 Datasheet HTML 26Page - STMicroelectronics AN1012 Datasheet HTML 27Page - STMicroelectronics AN1012 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Summary
AN1012
24/33
Doc ID 6395 Rev 4
10
Summary
Battery life and data retention for ZEROPOWER® and TIMEKEEPER® products are
primarily functions of two factors:
●
Capacity consumption, and
●
Storage life of the lithium button cell battery.
Due to the fact that storage life (caused by electrolyte evaporation) has little effect at
temperatures below 60 °C, the data retention of most applications will be dependent upon
the ICCDR of the SRAM being backed-up, as well as the VCC duty cycle. This allows a fairly
simple calculation (see Section 3.4: Calculating capacity consumption on page 10) to be
used to determine the lifetime.
All ST ZEROPOWER products are able to offer at least a 10 year data retention life, typically
at 40 °C. This may be increased by reducing the temperature, increasing the VCC duty cycle,
or in the case of the surface mount SNAPHAT® products, using the larger 120 mAh
SNAPHAT top.
For the TIMEKEEPER family, battery lifetimes are also affected by the percentage of time
the oscillator is in operation. Commercial devices fabricated in 4T technologies provide
7 years of continuous operation at 20 °C using the 48 mAh M4T28-BR12SH SNAPHAT top,
and typically greater than 15 years with the 120 mAh M4T32-BR12SH SNAPHAT top.
The ZEROPOWER and TIMEKEEPER supervisor families allow the user to purchase
commodity SRAMs at the best available market price. However, overall data retention life
will be determined by the ICCDR of the SRAM selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com