Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1012 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 25Page - STMicroelectronics AN1012 Datasheet HTML 26Page - STMicroelectronics AN1012 Datasheet HTML 27Page - STMicroelectronics AN1012 Datasheet HTML 28Page - STMicroelectronics AN1012 Datasheet HTML 29Page - STMicroelectronics AN1012 Datasheet HTML 30Page - STMicroelectronics AN1012 Datasheet HTML 31Page - STMicroelectronics AN1012 Datasheet HTML 32Page - STMicroelectronics AN1012 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AN1012
Serial RTC products
Doc ID 6395 Rev 4
31/33
Table 16.
Data from M41T00/S, M41T11, and M41T81/S industrial temperature (MH6)
devices
Temperature
(°C)
SNAPHAT (BR1632, 120 mAh)
VCC duty cycle = 100%,
shelf life (years)
VCC duty cycle = 0%
Typical (years)
–40
> 20
>> 20
–30
> 20
>> 20
–20
> 20
>> 20
–10
> 20
>> 20
0
> 20
>> 20
10
> 20
>> 20
20
> 20
>> 20
25
> 20
>> 20
30
> 20
>> 20
40
> 20
>> 20
50
> 20
>> 20
60
> 20
> 20
70
11.0
11.0
80
4.3
4.3
85
2.7
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com