Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4253 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 6Page - STMicroelectronics AN4253 Datasheet HTML 7Page - STMicroelectronics AN4253 Datasheet HTML 8Page - STMicroelectronics AN4253 Datasheet HTML 9Page - STMicroelectronics AN4253 Datasheet HTML 10Page - STMicroelectronics AN4253 Datasheet HTML 11Page - STMicroelectronics AN4253 Datasheet HTML 12Page - STMicroelectronics AN4253 Datasheet HTML 13Page - STMicroelectronics AN4253 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
SSCM HW configuration check
AN4253
10/44
DocID024255 Rev 2
3
SSCM HW configuration check
Figure 4. Flow of the "SSCM HW configuration check" phase
Before the microcontroller exits the Reset phase several operations are executed. One of
them is device HW configuration controlled by System Status and Configuration module
(SSCM). Target of the configuration process is to setup all important analog modules to
predefined factory setting plus to initialize default values of several key registers.
Configuration values are stored in the shadow flash memory region which is read by SSCM
module during reset phase. As any other flash memory it can happen that values stored
there are corrupted with multi bit error. Unlike the application exception system triggering
ECC fault in such case, the SSCM module does not have such possibility. The system is still
under reset. The SSCM module behavior is that it ignores any ECC faults that might happen
during read operation.
The consequence of such silent behavior is that the device can be configured wrongly. Such
faulty configuration can remain unnoticed or can have severe safety impact in the
application. The distinction between the two is difficult because there is no trace information
which data were corrupted and how much.
There is only one possible check to identify if an ECC fault occurred or not. Any read
operation from flash memory having ECC fault leaves MCR.EER bit inside the flash module
registers set regardless if the read operation is executed by the Core or SSCM module. This
can be used to identify if the SSCM module has faced ECC error during configuration or not.
3.1
Code sequence
1.
Read FLASH.MCR register (0xC3F8_8000)
2.
Test EER bit (bit 16)
3.
If set (‘1’) => ECC fault has happened, might be wrong device
configuration => SSCM Faul Handler
3.2
SSCM fault handler
SSCM fault handler is an application specific piece of code. Most probable solution would
be to trigger a long reset or external one to re-run SSCM configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com