Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4253 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 30Page - STMicroelectronics AN4253 Datasheet HTML 31Page - STMicroelectronics AN4253 Datasheet HTML 32Page - STMicroelectronics AN4253 Datasheet HTML 33Page - STMicroelectronics AN4253 Datasheet HTML 34Page - STMicroelectronics AN4253 Datasheet HTML 35Page - STMicroelectronics AN4253 Datasheet HTML 36Page - STMicroelectronics AN4253 Datasheet HTML 37Page - STMicroelectronics AN4253 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
asm examples
AN4253
34/44
DocID024255 Rev 2
#define
ME_GS_MODE_DRUN
3
// current mode DRUN
#define
ME_GS_MTRANS
4
// position of bit for e_btsti instr.
#define
ME_GS_SYSCLK_MASK 0x000F
// mask of system clk field
#define
ME_MCTL_DRUN_R1
0x30005AF0 // 1.step in mode transition request
#define
ME_MCTL_DRUN_R2
0x3000A50F // 2.step in mode transition request
#define
ME_MC_XOSCON
26
// bit position for se_bseti instr.
#define
ME_MC_PLL0ON
25
// bit position for se_bseti instr.
#define
ME_MC_SYSCLK_PLL
0x0004
// value for e_or2i instr.
#define
ME_RUNPC_DRUN
28
// bit position for se_bseti instr.
#define
ME_PCTL_RUNPC1
1
// pointer to RUN_PC1 configuration
// AIPS peripheral bridge
#define
AIPS_BASE
0xFFF00000 // peripheral bridge base address
#define
AIPS_REG_MPROT
0x0000
// register offset from AIPS_BASE
#define
AIPS_MPROT_ENABLE 0x77770070 // Core0,1, DMA0, FlexRay as superuser
// Core Cache memory
#define
CACHE_REG_L1CSR1
1011
// SPR register number
#define
CACHE_ICE_BIT
0x0001 // for e_li instruction
// CGM block
#define
CGM_BASE
0xC3FE0000 // base address of CGM module
#define
CGM_REG_AC3SC
0x0398
// register offset from CGM_BASE
#define
CGM_AC3SC_XOSC 0x0100
// value for PLL input AUX3 bridge
// XOSC block (CGM base)
#define
XOSC_REG_OSCCTL 0x0000
// register offset from CGM_BASE
#define
XOSC_EOCV_IMASK 0xFF00
// mask to clear EOCV default value
#define
XOSC_EOCV_VALUE 0x009C
// cca 2ms for 40MHz crystal
// FMPLL0 block (CGM base)
#define
FMPLL0_REG_CR 0x00A0
// register offset from CGM_BASE
#define
FMPLL0_SLOCK
28
// bit position for e_btsti instr.
#define
FMPLL0_IDF
0x0C00
// 3 = divide by 4
#define
FMPLL0_ODF
0x0100
// 1 = divide by 4
#define
FMPLL0_NDIV
0x0030
// 48 = multiply by 48
#define
FMPLL0_VALUE
(FMPLL0_IDF | FMPLL0_ODF | FMPLL0_NDIV)
A.2
Core register init (LSM)
// selected core SPRs
mtcrf 0xFF,r31 // Condition register
mtspr 285,r31 // TBU
mtspr 284,r31 // TBL
mtspr 272,r31 // SPRG0
mtspr 273,r31 // SPRG1
mtspr 274,r31 // SPRG2
mtspr 275,r31 // SPRG3
mtspr 276,r31 // SPRG4
mtspr 277,r31 // SPRG5
mtspr 278,r31 // SPRG6
mtspr 279,r31 // SPRG7
mtspr 604,r31 // SPRG8
mtspr 605,r31 // SPRG9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com