Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4253 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 14Page - STMicroelectronics AN4253 Datasheet HTML 15Page - STMicroelectronics AN4253 Datasheet HTML 16Page - STMicroelectronics AN4253 Datasheet HTML 17Page - STMicroelectronics AN4253 Datasheet HTML 18Page - STMicroelectronics AN4253 Datasheet HTML 19Page - STMicroelectronics AN4253 Datasheet HTML 20Page - STMicroelectronics AN4253 Datasheet HTML 21Page - STMicroelectronics AN4253 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Safe mode block
AN4253
18/44
DocID024255 Rev 2
6
Safe mode block
Figure 8. Flow of the "Safe mode handling" phase
Safe mode is a special mode of the microcontroller where only limited part of the hardware
functionality is enabled to the user. All attempts to change the HW configuration are blocked
until fault conditions are removed.
Very often safe mode is observed in the startup phase after a functional reset other then
functional reset initiated from software. In such situation startup has to leave safe mode
prior to any mode change transition.
Conditions to leave safe mode are:
•
No FCCU fault pending
•
FCCU flags in RGM.FES register cleared
6.1
Read current mode of the microcontroller
Current mode of the microcontroller is reported in Mode Entry Global Status (ME.GS)
register.
6.1.1
Code sequence
1.
32 bit read of ME.GS register (0xC3FDC000)
6.2
Safe mode check
It is needed to extract S_CURRENT_MODE bit field from the read value. There are only two
possible values after the reset:
•
2 = SAFE
•
3 = DRUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com