Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4253 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 29Page - STMicroelectronics AN4253 Datasheet HTML 30Page - STMicroelectronics AN4253 Datasheet HTML 31Page - STMicroelectronics AN4253 Datasheet HTML 32Page - STMicroelectronics AN4253 Datasheet HTML 33Page - STMicroelectronics AN4253 Datasheet HTML 34Page - STMicroelectronics AN4253 Datasheet HTML 35Page - STMicroelectronics AN4253 Datasheet HTML 36Page - STMicroelectronics AN4253 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
DocID024255 Rev 2
33/44
AN4253
asm examples
Appendix A
asm examples
All ‘asm’ examples here are built with WindRiver compiler toll with preprocessing on
assembly files set on. Preprocessor directives are used to make the code more readable.
Readable code is prioritized to time or space optimization.
A.1
Symbol defines
// MSR value to set after the reset
#define
STARTUP_MSR 0x21200 // CE|ME|DE
// Software watchdog module
#define
SWT_BASE
0xFFF38000 // Software watchdog base address
#define
SWT_REG_CR
0x0000
// registers offset
#define
SWT_REG_SR
0x0010
#define
SWT_UNLOCK_KEY1 0xC520
// key1 for soft_lock unlock
#define
SWT_UNLOCK_KEY2 0xD928
// key2 for soft_lock unlock
// FLASH registers
#define
FLASH_BASE
0xC3F88000 // Flash registers base address
#define
FLASH_REG_MCR
0x0000
// registers offset
#define
FLASH_EER_MASK 0x00008000 // EER bit
// FCCU module constants
#define
FCCU_BASE
0xFFE6C000 // FCCU module base address
#define
FCCU_REG_CTRL
0x0000
// registers offset
#define
FCCU_REG_CF
0x006C
#define
FCCU_REG_CFK
0x007C
#define
FCCU_REG_NCF
0x0080
#define
FCCU_REG_NCFK
0x0090
#define
FCCU_REG_STATUS
0x00C0
#define
FCCU_REG_IRQ
0x00E0
#define
FCCU_OPR_STATUS
0x3
// command to read Status
#define
FCCU_OPR_CF_READ
0x9
// command to read CF
#define
FCCU_OPR_NCF_READ 0xA
// command to read NCF
#define
FCCU_CFK_KEY
0x618B7A50 // key for CF faults clear operation
#define
FCCU_NCFK_KEY
0xAB3498FE // key for NCF faults clear operation
#define
FCCU_OPS_SUCCESS
3
// command successful status to wait for
#define
FCCU_CF_STCU
0x0850
// upper half word for compare instruction
#define
FCCU_NCF12
19
// BSTI instr has inverse bit numbering
// RGM module constants
#define
RGM_BASE
0xC3FE4000 // Reset module base address
#define
RGM_REG_FESDES
0x0000
// register offset from RGM_BASE
#define
RGM_DES_MASK
0x8000FFFF // Destructive resets status bit mask
// MODE ENTRY module constants
#define
ME_BASE
0xC3FDC000 // Mode Entry base address
#define
ME_REG_GS
0x0000
// register offsets from ME_BASE
#define
ME_REG_MCTL
0x0004
#define
ME_REG_DRUN_MC
0x002C
#define
ME_REG_RUN_PC1
0x0084
#define
ME_REG_PCTL_CRC 0x00FA
#define
ME_GS_MODE_SAFE 2
// current mode SAFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com