Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4253 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 23Page - STMicroelectronics AN4253 Datasheet HTML 24Page - STMicroelectronics AN4253 Datasheet HTML 25Page - STMicroelectronics AN4253 Datasheet HTML 26Page - STMicroelectronics AN4253 Datasheet HTML 27Page - STMicroelectronics AN4253 Datasheet HTML 28Page - STMicroelectronics AN4253 Datasheet HTML 29Page - STMicroelectronics AN4253 Datasheet HTML 30Page - STMicroelectronics AN4253 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
DocID024255 Rev 2
27/44
AN4253
HW resource initialization
Wait for FMPLL0 lock
Before FMPLL0 can be used as a system clock it is necessary to wait for the PLL lock event.
CR register in the FMPLL0 block contains S_LOCK bit that tells the LOCK status:
•
0 = FMPLL unlocked
•
1 = FMPLL locked
Usual lock time delay is around 200 µs.
Code sequence
1.
Read FMPLL0 CR register
2.
Test s_lock bit
3.
If ‘0’ > wait loop to step 1
Enable peripherals needed in the startup
There is a set of peripherals that are clock gated (all peripherals having PCTL configuration
register inside mode entry module). Each peripheral within this group has to be explicitly
configured to run in dedicated mode. This configuration is done via pair of registers,
ME_RUN_PC0-7 and ME_PCTLx.
ME_RUN_PC[0-7] registers indicate if the peripherals are active and when they are inactive
(clock gated). The peripheral clock for a given mode transition must be configured by the
user.
Figure 13. Peripheral clock gating scheme
Default reset state
Note:
Any change in ME_RUN_PC0 will be used by all peripherals if they are not reconfigured to
use another ME_RUN_PCx register. Result can be that all peripherals, even peripherals
that are not needed, are enabled if ME_RUN_PC0 is enabled for current device state mode.
Good practice is not to use ME_RUN_PC0 register, but to configure one of the
ME_RUN_PC[1-7] and configure needed peripherals accordingly.
•
ME_RUN_PCx
No mode selected, no clock enabled to any gated peripheral
•
PCTLx
They point to ME_RUN_PC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com