Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4253 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 21Page - STMicroelectronics AN4253 Datasheet HTML 22Page - STMicroelectronics AN4253 Datasheet HTML 23Page - STMicroelectronics AN4253 Datasheet HTML 24Page - STMicroelectronics AN4253 Datasheet HTML 25Page - STMicroelectronics AN4253 Datasheet HTML 26Page - STMicroelectronics AN4253 Datasheet HTML 27Page - STMicroelectronics AN4253 Datasheet HTML 28Page - STMicroelectronics AN4253 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
DocID024255 Rev 2
25/44
AN4253
HW resource initialization
It is recommended to split clock subsystem setup to several parts to make the clock
transition safe with minimum impact on voltage regulator load. All mode transitions issued
here use DRUN mode as a target mode.
1.
Configure oscillator module
2.
Enable oscillator block (mode transition)
3.
Configure input clock to FMPLL0
4.
Configure FMPLL0
5.
Enable FMPLL0 block (mode transition)
6.
Wait for FMPLL0 lock
7.
Enable peripherals needed in the startup (clock gating)
8.
Switch system clock to FMPLL0 output (mode transition)
Configure oscillator block
Here one parameter shall be tuned with respect to ECU design and selected crystal
oscillator. It is end of count value parameter, EOCV bit field in RC_CTL register.
EOCV value shall satisfy the following formula:
EOCV >= (TXOSCHSSU * fXOSCHS) / 512
where fXOSCHS is the "oscillator frequency" and TXOSCHSSU is the "oscillator start-up
time" whose value can be found in the DS.
Default reset value
Code sequence
1.
Write required value to EOCV bit field in OSC_CTL register
Enable oscillator block (mode transition)
In order to enable the crystal oscillator block, mode transition is required with bit XOSCON
in ME_DRUN_MC register set on.
Code sequence
1.
Set bit XOSCON in ME_DRUN_MC register
2.
Write DRUN with Key_1 in ME_MCTL register
3.
Write DRUN with Key_2 in ME_MCTL register
4.
Wait mode transition to finish (ME_GS.MTRANS bit = 0)
•
Count value to reach =
EOCV*512
This parameter tells how many clock pulses will be counted
before an external crystal clock can be considered as stable
and possible to select as the system clock.
•
EOCV = 128
It gives 1.63 ms delay for 40 MHz crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com