Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4253 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 18Page - STMicroelectronics AN4253 Datasheet HTML 19Page - STMicroelectronics AN4253 Datasheet HTML 20Page - STMicroelectronics AN4253 Datasheet HTML 21Page - STMicroelectronics AN4253 Datasheet HTML 22Page - STMicroelectronics AN4253 Datasheet HTML 23Page - STMicroelectronics AN4253 Datasheet HTML 24Page - STMicroelectronics AN4253 Datasheet HTML 25Page - STMicroelectronics AN4253 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
HW resource initialization
AN4253
22/44
DocID024255 Rev 2
If the startup relies on a code execution from the core, there is no need to change the
configuration of the AIPS. But when the startup wants to use DMA capability, it is necessary
to change MPROT.MPL bit field.
Code sequence
1.
Write value 0x77770070 to AIPS_MPROT register
7.2
PFlash controller setup
PFlash controller acts as an interface between masters (AHB bus) and a Flash memory
array. It controls timing access time and buffering scheme for instruction fetches and data
read.
Figure 11. PFlash controller
7.2.1
Default reset configuration
Default setting is optimal for startup code execution that will run on 120 MHz clock. An
assumption is that the startup code does not use many constants placed in Flash as data
buffer is disabled.
Note:
PFlash register modification shall be done when executing the code from RAM
7.2.2
Code sequence
No need to change default reset configuration.
7.3
Core registers initialization
When running the Leopard device in Lock-Step mode (LSM) it is important to initialize some
of the Core registers to a value that are identical for both Cores. The reason behind this is
that some Core registers are un-initialized by the reset and it can happen that under certain
•
Instruction fetch
Buffers enabled (3x for instruction fetch), prefetch enabled
•
Data read
Buffer disabled
•
Access timing
3 wait states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com