Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4253 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 10Page - STMicroelectronics AN4253 Datasheet HTML 11Page - STMicroelectronics AN4253 Datasheet HTML 12Page - STMicroelectronics AN4253 Datasheet HTML 13Page - STMicroelectronics AN4253 Datasheet HTML 14Page - STMicroelectronics AN4253 Datasheet HTML 15Page - STMicroelectronics AN4253 Datasheet HTML 16Page - STMicroelectronics AN4253 Datasheet HTML 17Page - STMicroelectronics AN4253 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
FCCU block
AN4253
14/44
DocID024255 Rev 2
In such case it is necessary to store the read values somewhere else.
Some possibilities are:
•
Non-volatile RAM used to exchange data between the startup code and the application.
In case of destructive reset, code has to initialize non-volatile block to default values.
•
One of the core registers like SPRGx. These registers are usually used by the
application or operating system for non specific purposes.
4.6
Reset FCCU faults
Any fault latched by the FCCU prevents successful transition from Safe mode to DRUN.
Therefore whenever the microcontroller is in safe mode, FCCU flags must be cleared before
executing mode transition.
4.6.1
Code sequence
Clearing Critical Faults (CF) sequence
1.
Write the Key 0x618B7A50 to FCCU_CFK register
2.
Write CF status value back to FCCU_CF register
3.
Wait for operation to finish (OPS == SUCCESS)
Clearing Non-Critical Faults (NCF) sequence
1.
Write the Key 0xAB3498FE to FCCU_NCFK register
2.
Write NCF status back to FCCU_NCF register
3.
Wait for operation to finish (OPS == SUCCESS)
4.7
FCCU fault handler
FCCU fault handler is an application specific piece of code. There might be several
possibilities like:
•
Analyzing which LBIST partition or MBIST block failed and decide if it is critical for the
application or not.
Example can be failing memory block belonging to Flexray module. If Flexray module is
not used then the fault found by STCU self test is of no harm for the application and
startup can continue.
•
Generate destructive reset to restart microcontroller from the very beginning including
STCU Self tests. If the fault was because of a temporary failure, re-initiated self test will
finish ok, which enables to continue with the startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com