Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4253 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 15Page - STMicroelectronics AN4253 Datasheet HTML 16Page - STMicroelectronics AN4253 Datasheet HTML 17Page - STMicroelectronics AN4253 Datasheet HTML 18Page - STMicroelectronics AN4253 Datasheet HTML 19Page - STMicroelectronics AN4253 Datasheet HTML 20Page - STMicroelectronics AN4253 Datasheet HTML 21Page - STMicroelectronics AN4253 Datasheet HTML 22Page - STMicroelectronics AN4253 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
DocID024255 Rev 2
19/44
AN4253
Safe mode block
6.2.1
Code sequence
1.
Extract the S_CURRENT_MODE bit field
2.
Check if the value is equal to 2 (safe mode)
3.
If Yes > go to mode transition step, otherwise continue with
next startup block
6.3
Mode change to DRUN request
Mode change request consist of a sequence of two 32 bit writes instruction containing
requested mode (3=DRUN) together with a key, where the second key is the inverted value
of the first one.
It is necessary to wait for the end of the transition. Ongoing transition is reported by
MTRANS bit in ME.GS register.
6.3.1
Code sequence
1.
Write value 0x30005AF0 (DRUN + 1.key) to ME.MCTL register
(0xC3FDC004)
2.
Write value 0x3000A50F (DRUN + 2.key) to ME.MCTL register
(0xC3FDC004)
3.
Read ME.GS register
4.
Check MTRANS bit, if ‘1’ > go back to step 3 (Read ME.GS
register)
6.4
DRUN mode check
If there is no pending FCCU fault and FCCU reset flags in the RGM module are cleared,
mode transition should finish successfully. If not, a fault handler must handle this problem.
S_CURRENT_MODE bit field should equal to number 3 (DRUN).
6.4.1
Code sequence
1.
Read ME.GS register
2.
Extract S_CURRENT_MODE bit field
3.
Check if the value equals to 3 (DRUN), if No > go to
ME_Fault_handler
6.5
ME fault handler
ME_Fault_handler shall handle the situation when a requested transition from safe mode to
DRUN mode fails and the microcontroller remains in the safe mode. A reason can be an
unsuccessful clear operation of FCCU faults or the presence of another hardware fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com