Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4253 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 20Page - STMicroelectronics AN4253 Datasheet HTML 21Page - STMicroelectronics AN4253 Datasheet HTML 22Page - STMicroelectronics AN4253 Datasheet HTML 23Page - STMicroelectronics AN4253 Datasheet HTML 24Page - STMicroelectronics AN4253 Datasheet HTML 25Page - STMicroelectronics AN4253 Datasheet HTML 26Page - STMicroelectronics AN4253 Datasheet HTML 27Page - STMicroelectronics AN4253 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
HW resource initialization
AN4253
24/44
DocID024255 Rev 2
Figure 12. Clock subsystem
7.6.1
Default reset configuration
As seen from the default configuration above, the system clock used for code execution is
the internal IRC oscillator running on 16 MHz. It is advised to change the clock setting
before RAM initialization and before the application startup to make the process faster.
•
System clock
IRC_16 MHz
•
Oscillator
Disabled
•
FMPLLs
Disabled
•
Clock output
Disabled
•
Peripheral clock
Enabled, PCLK = IRC_16 MHz
•
Motor clock
Enabled, MCLK = IRC_16 MHz
•
Flexray clock
Enabled, FCLK = system FMPLL
•
CAN clock
Enabled, CCLK = system FMPLL
•
FMPLL0 input
IRC_16 MHz
•
FMPLL1 input
IRC_16 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com