Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN938 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 8Page - STMicroelectronics AN938 Datasheet HTML 9Page - STMicroelectronics AN938 Datasheet HTML 10Page - STMicroelectronics AN938 Datasheet HTML 11Page - STMicroelectronics AN938 Datasheet HTML 12Page - STMicroelectronics AN938 Datasheet HTML 13Page - STMicroelectronics AN938 Datasheet HTML 14Page - STMicroelectronics AN938 Datasheet HTML 15Page - STMicroelectronics AN938 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Power supply, UVLO and voltage reference
AN938
12/33
Doc ID 5410 Rev 10
Example: For a maximum Vcc of 50 V, at 100 kHz, with an inductor of 140 µH, it is possible
to use a soft-start capacitor lower than 470 µF (see Figure 13). With such a value, the soft-
start time (see Figure 16) is about 10 ms for an output voltage of 5 V.
Figure 15.
Soft-start internal circuit
2.3
Soft-start
The soft-start function is needed to generate a correct startup of the system without
overstressing the power stage, avoiding the intervention of current limiting, and having an
output voltage rising smoothly without output overshoots.
The soft-start circuit is shown in Figure 15. The soft-start capacitor is charged at 40 µA, and
quickly discharged at power-off and in case of thermal shutdown intervention.
The output startup time is calculated using the following formula:
Equation 6
where Dmax is 0.95.
The soft-start time versus output voltage and Css is shown in Figure 16. Thanks to the
voltage feed-forward the startup time is not affected by the input voltage. Figure 17 shows
the output voltage startup using different soft-start capacitance values.
Tss
v
o
i
CH
6D
max
⋅⋅
----------------------------------- Css
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com