Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN938 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 9Page - STMicroelectronics AN938 Datasheet HTML 10Page - STMicroelectronics AN938 Datasheet HTML 11Page - STMicroelectronics AN938 Datasheet HTML 12Page - STMicroelectronics AN938 Datasheet HTML 13Page - STMicroelectronics AN938 Datasheet HTML 14Page - STMicroelectronics AN938 Datasheet HTML 15Page - STMicroelectronics AN938 Datasheet HTML 16Page - STMicroelectronics AN938 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN938
Power supply, UVLO and voltage reference
Doc ID 5410 Rev 10
13/33
2.4
Feedback disconnection
In case of feedback disconnection, the duty cycle increases to the maximum allowed value,
bringing the output voltage close to the input supply. This condition could destroy the load.
To avoid this dangerous condition, the device forces a little current (1.4 µA typical) out of
pin 12 (E/A feedback).
If the feedback is disconnected and the impedance at pin 12 is higher than 3.5 M
Ω, the
voltage at this pin goes higher than the reference voltage of the error amplifier, disabling the
embedded power device.
2.5
Zero load
In normal operation, the output regulation is also guaranteed because the bootstrap
capacitor is recharged, cycle by cycle, by means of the energy flowing into the choke. Under
light load, this topology tends to operate in burst mode, with random repetition rate of the
bursts. An internal new function makes this device capable of keeping the output voltage in
full regulation with 1 mA of load current only.
Embedded circuitry keeps the output voltage regulated up to 8% above the nominal value at
light load (0.5 mA < Iout < 1 mA):
an internal comparator senses the voltage across the bootstrap capacitor. When this
voltage drops below 5 V, it enables the embedded power element for about 300 nsec,
recharging the bootstrap capacitor.
the OVP protection disables the power element when the output voltage is 8% higher
than nominal output (see Section 2.6).
When the load current is lower than 500 µA, which is also the current consumption of the
boostrap section, the output voltage regulaton becomes critical.
A bleeding resistor is suggested to keep the output voltage voltage regulated regardless of
the load (IBLEEDING > 0.5 mA).
Figure 16.
Soft-start time vs. Vo and Css
Figure 17.
Output rising voltage with
Css 680 nF, 470 nF, 330 nF, 220 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com