Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN938 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 20Page - STMicroelectronics AN938 Datasheet HTML 21Page - STMicroelectronics AN938 Datasheet HTML 22Page - STMicroelectronics AN938 Datasheet HTML 23Page - STMicroelectronics AN938 Datasheet HTML 24Page - STMicroelectronics AN938 Datasheet HTML 25Page - STMicroelectronics AN938 Datasheet HTML 26Page - STMicroelectronics AN938 Datasheet HTML 27Page - STMicroelectronics AN938 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Typical application
AN938
24/33
Doc ID 5410 Rev 10
Figure 33.
Gain bode plot, open loop
Figure 34.
Phase bode plot, open loop
Table 1.
Bill of material (fSW = 150 kHz, VOUT = 5 V)
Reference
Description
Part number
Manufacturer
R1
Resistor 15 k
Ω 1%
R2
Resistor 15 k
Ω 1%
R3
Resistor 2.7 k
Ω 1%
R4
Resistor 4.99 k
Ω 1%
R5
Not mounted
R6
Not mounted
R7
Not mounted
C1
Capacitor 2.7 nF 5%
AM03515v1
0.1
1
10
100
1.10
3
1 .10
4
1 .10
5
1 .10
6
20
9.5
1
11.5
22
32.5
43
53.5
64
74.5
85
Frequency [Hz]
AM03516v1
0.1110
100
1.10
3
1 .10
4
1 .10
5
1 .10
6
210
182.5
155
127.5
100
72.5
45
17.5
10
EXTERNAL LOOP GAIN PHASE
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com