Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN938 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 19Page - STMicroelectronics AN938 Datasheet HTML 20Page - STMicroelectronics AN938 Datasheet HTML 21Page - STMicroelectronics AN938 Datasheet HTML 22Page - STMicroelectronics AN938 Datasheet HTML 23Page - STMicroelectronics AN938 Datasheet HTML 24Page - STMicroelectronics AN938 Datasheet HTML 25Page - STMicroelectronics AN938 Datasheet HTML 26Page - STMicroelectronics AN938 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AN938
Typical application
Doc ID 5410 Rev 10
23/33
3.9
PWM gain
Equation 15
where Vct is the peak-to-peak sawtooth oscillator.
Pole and zero values are as follows:
Equation 16
Equation 17
Equation 18
Equation 19
Equation 20
The compensation is found by choosing Focomp close to the frequency of the double pole
introduced by the LC filter.
Using a compensation network with R1 = 15 k
Ω, C6 = 22 nF and C5 = 150 pF, the gain and
phase bode plots are shown in Figure 32-34. The cutoff frequency Fc is 22 KHz and the
phase margin is 52°C.
V
CC
V
ct
-----------
V
CC
6
⋅
V
CC
1
–
--------------------
6
≈
=
F
o
1
2
πR
esr
C
out
⋅
⋅
---------------------------------------
1
2
π 0.065 300 10
6
–
⋅⋅
⋅
⋅
-------------------------------------------------------------
8.162KHz
==
=
F
p
1
2
π
LC
out
⋅
⋅⋅
---------------------------------------
1
2
π
68 10
6
–
300 10
6
–
⋅⋅
⋅
⋅⋅
--------------------------------------------------------------------------
1.087kHz
==
=
F
ocomp
1
2
π R
c
C
c
⋅⋅
⋅
---------------------------------
1
2
π 15 10
3
22 10
9
–
⋅⋅
⋅
⋅
⋅
----------------------------------------------------------------
492Hz
==
=
F
p1
1
2
π R
o
C
c
⋅⋅
⋅
----------------------------------
1
2
π 1.2 10
6
22 10
9
–
⋅⋅
⋅
⋅
⋅
-----------------------------------------------------------------
6.029Hz
==
=
F
p2
1
2
π R
c
C
o
⋅⋅
⋅
----------------------------------
1
2
π 15 10
3
150 10
12
–
⋅⋅
⋅
⋅
⋅
---------------------------------------------------------------------
70KHz
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com