Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN938 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 18Page - STMicroelectronics AN938 Datasheet HTML 19Page - STMicroelectronics AN938 Datasheet HTML 20Page - STMicroelectronics AN938 Datasheet HTML 21Page - STMicroelectronics AN938 Datasheet HTML 22Page - STMicroelectronics AN938 Datasheet HTML 23Page - STMicroelectronics AN938 Datasheet HTML 24Page - STMicroelectronics AN938 Datasheet HTML 25Page - STMicroelectronics AN938 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Typical application
AN938
22/33
Doc ID 5410 Rev 10
Figure 30.
Block diagram compensation loop
Figure 31.
LC output filter
Figure 32.
Error amplifier equivalent circuit
3.7
Error amplifier and compensation blocks
The open loop gain is:
Equation 13
where Cout is the parallel between the output and the external capacitance of the error
amplifier and Ro is the E/A output impedance. Rc and Cc are the compensation values.
3.8
LC filter
Equation 14
AM03512v1
A(s)
Vc/Vct
LC
α
+-
VREF
AM03513v1
Cout
Resr
LO
AM03514v1
Ro
gm
Cc
Rc
Co
As
()
gm
R
O
1s R
c
C
c
⋅⋅
+
()
⋅
s
2
R
o
C
o
R
c
C
c
sR
o
C
c
R
o
C
o
R
c
C
c
⋅
+
⋅
+
⋅
() 1
+
⋅
+
⋅⋅⋅
⋅
----------------------------------------------------------------------------------------------------------------------------------------------------
⋅
=
A
os
()
1R
esr
C
out
s
⋅⋅
+
LC
out
s
2
R
esr
s1
+
⋅
+
⋅⋅
-----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com