Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN938 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 13Page - STMicroelectronics AN938 Datasheet HTML 14Page - STMicroelectronics AN938 Datasheet HTML 15Page - STMicroelectronics AN938 Datasheet HTML 16Page - STMicroelectronics AN938 Datasheet HTML 17Page - STMicroelectronics AN938 Datasheet HTML 18Page - STMicroelectronics AN938 Datasheet HTML 19Page - STMicroelectronics AN938 Datasheet HTML 20Page - STMicroelectronics AN938 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN938
Typical application
Doc ID 5410 Rev 10
17/33
3
Typical application
Figure 22 shows the schematic of the L4973 demonstration board.
The selection of the external components allows the device to operate in the entire input
voltage range 8 V < VIN < 55 V. The output voltage is limited by the voltage rating of the
output capacitor so it can be adjusted in the range 3.3 V < VOUT < 30 V through the voltage
divider R3, R4. The input and output capacitors are able to sustain the RMS current in the
operating range.
3.1
Electrical specification
●
Input voltage range: 8 V - 55 V
●
Output voltage: 5.1 V ±3% (line, load and thermal)
●
Output ripple: 51 mV
●
Output current range: 1 mA - 3.5 A
●
Max output ripple current: 30% Iomax
●
Current limit: 4.5 A
●
Switching frequency: 150 kHz.
Figure 22.
Application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com