Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN938 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 24Page - STMicroelectronics AN938 Datasheet HTML 25Page - STMicroelectronics AN938 Datasheet HTML 26Page - STMicroelectronics AN938 Datasheet HTML 27Page - STMicroelectronics AN938 Datasheet HTML 28Page - STMicroelectronics AN938 Datasheet HTML 29Page - STMicroelectronics AN938 Datasheet HTML 30Page - STMicroelectronics AN938 Datasheet HTML 31Page - STMicroelectronics AN938 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Applications
AN938
28/33
Doc ID 5410 Rev 10
Figure 38.
Output voltage vs. R4
Particular care has to be taken for input filter capacitors because they have to support high
ripple current at mains frequency plus the high frequency current.
Total RMS current is typically heavy, and very low ESR is requested for system reliability.
Input caps can also affect system efficiency.
The transformer could be a single secondary winding with four diodes for rectification or
center-tapped with two diodes only, but higher reverse voltage.
Considering a maximum output power close to 100 W, equivalent system efficiency of 93-
95%, the mains transformer has to be designed around 200 VA.
A low voltage secondary PFC can reduce the VA need close to the delivered watts (110 W),
reducing also the value of the electrolytic capacitors.
Weight and volume of the complete application are also significantly reduced.
4.2
Higher input voltage
Since the max. operating input voltage is 55 V, an input line conditioner is requested. Fixing,
for example, the device supply voltage at 50 V, the power dissipation of the pre-regulator is:
Equation 22
In the buck converter, the average input current is:
Equation 23
●
Vo = 5.1 V; Io = 3.5 A; Po = 17.85 W; Ii = 0.357A; Pd = 3.57 W; (Vi = 60 V)
●
Vo = 12 V; Io = 3.5 A; Po = 42 W; Ii = 0.84 A; Pd = 8.4 W (Vi = 60 V)
AM03520v1
3
4567
8
9R4(K
Ω)
0
3
6
9
12
15
18
21
Vo
(V)
Pd
li Vce
li
Vi
50
–
()
⋅
=
⋅
=
li
Io
Ton
T
-----------
Io
Vo
Vi
-------
⋅
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com