Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN938 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 15Page - STMicroelectronics AN938 Datasheet HTML 16Page - STMicroelectronics AN938 Datasheet HTML 17Page - STMicroelectronics AN938 Datasheet HTML 18Page - STMicroelectronics AN938 Datasheet HTML 19Page - STMicroelectronics AN938 Datasheet HTML 20Page - STMicroelectronics AN938 Datasheet HTML 21Page - STMicroelectronics AN938 Datasheet HTML 22Page - STMicroelectronics AN938 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AN938
Typical application
Doc ID 5410 Rev 10
19/33
3.3
Output voltage selection
The two available devices can directly regulate the output voltage of 3.3 V for the L4973V3.3
and 5.1 V for the L4973V5.1. Each of the two devices can regulate an output voltage higher
than the nominal value, up to 40 V, by adding an external voltage divider.
In case of requested output voltage lower than 3.3 V, it is possible to use the L4973V3.3 with
the external connections as shown in Figure 24 with the function below plotted in Figure 25.
Equation 10
Only two resistors are used and no curve intercepts 3.3 V, but all curves have an asymptotic
trend to this value.
3.4
Inductor selection
The criteria used in fixing the inductor value have been dictated by the desired output ripple
voltage, 50 mV max., performance obtained of course in combination with output capacitors
too.
The inductor ripple current, fixed at 30% of Iomax, i.e., 1.05 A, requires an inductor value of:
Equation 11
It is possible to plot Equation 11 as a function of Vo and Vccmax at 150 kHz and 200 kHz (see
Figure 26, 27).
V
o
V
fb
V
ref
V
fb
–
() R3
R5
--------
⋅
–
=
Figure 24.
Example of output regulated
voltage lower than 3.3 V
Figure 25.
Output voltage vs. R5 using R3 as
parameter
L
O
V
O
1D
min
–
()
ΔI
L
f
sw
⋅
---------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com