Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN938 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 17Page - STMicroelectronics AN938 Datasheet HTML 18Page - STMicroelectronics AN938 Datasheet HTML 19Page - STMicroelectronics AN938 Datasheet HTML 20Page - STMicroelectronics AN938 Datasheet HTML 21Page - STMicroelectronics AN938 Datasheet HTML 22Page - STMicroelectronics AN938 Datasheet HTML 23Page - STMicroelectronics AN938 Datasheet HTML 24Page - STMicroelectronics AN938 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AN938
Typical application
Doc ID 5410 Rev 10
21/33
Co also has to support load transients. An idea of the magnitude of the output voltage drop
during load transients is given below:
Equation 12
where
ΔI
o is the load current change from 0.5 A to 3.5 A; Dmax is the max. duty cycle, 95%;
Vo nominal is 5.1 V; and finally L is 68 µH.
Equation 12, normalized at Vo, is represented in Figure 29 as a function of the minimum
input voltage.
These curves are represented for different output capacitors 2x150 µF, 2x220 µF, 2x330 µF
all KY, 35 V.
Figure 29.
Output drop (%) vs minimum input voltage
3.6
Compensation network
The complete control loop block diagram is shown in Figure 30. The error amplifier basic
characteristics are:
gm = 2.5 mS
Ro = 1.2 M
Ω
Avo = 60 dB
Isource/sink = 300 µA.
ΔV
O
ΔI
O
()
2
L
O
2C
O
V
inmin
D
max
V
O
()
⋅⋅
--------------------------------------------------------------------------
=
AM03511v1
10
15
20
25
30
354045
0
1
2
3
4
5
6
7
8
Cout = 2 x 15 0uF
Cout = 2 x 22 0uF
Cout = 2 x 33 0uF
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com