Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0432 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 9Page - STMicroelectronics UM0432 Datasheet HTML 10Page - STMicroelectronics UM0432 Datasheet HTML 11Page - STMicroelectronics UM0432 Datasheet HTML 12Page - STMicroelectronics UM0432 Datasheet HTML 13Page - STMicroelectronics UM0432 Datasheet HTML 14Page - STMicroelectronics UM0432 Datasheet HTML 15Page - STMicroelectronics UM0432 Datasheet HTML 16Page - STMicroelectronics UM0432 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
UM0432
Electrical characteristics of the board
13/53
5
Electrical characteristics of the board
Stresses above the limits shown in Table 3 may cause permanent damage to the devices
present inside the board. These are stress ratings only and functional operation of the
device under these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
A 10-volt bias current measurement may be useful to check the working status of the board.
If the measured value is considerably greater than the typical value, some damage has
occurred to the board. See the power supply configuration for a 10-V auxiliary supply.
Table 3.
Electrical characteristics of the control board
Control board parameters
STEVAL-IHM015V1
Unit
Min
Max
10 V auxiliary supply range – J6
5
15
V
10 V bias current (typical)
30
70
mA
VBUS – J5 (low voltage configuration)
(1)
1.
See Section 6.1: Power supply on page 15.
56.5
V
VBUS – J5 (medium voltage configuration)
(1)
6.5
9
V
VBUS – J5 (high voltage configuration)
(1)
948
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com