Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0432 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 28Page - STMicroelectronics UM0432 Datasheet HTML 29Page - STMicroelectronics UM0432 Datasheet HTML 30Page - STMicroelectronics UM0432 Datasheet HTML 31Page - STMicroelectronics UM0432 Datasheet HTML 32Page - STMicroelectronics UM0432 Datasheet HTML 33Page - STMicroelectronics UM0432 Datasheet HTML 34Page - STMicroelectronics UM0432 Datasheet HTML 35Page - STMicroelectronics UM0432 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Motor control operations
UM0432
32/53
7.4.8
Changing the maximum current allowed by GUI
The maximum current allowed by the GUI has been set to 8 A. This value may be changed
by modifying the "gui.ini" file inside the folder where the "LVST7MC - GUI" file is installed.
Open the "gui.ini" file using the notepad and change the value of the following line:
MAX_CURRENT = 8
Replace the value 8 with the desired current limitation value expressed in amperes. Note
that the hardware current limitation value must also be changed accordingly (see
Section 7.4.16 for instructions on how to modify this limitation).
7.4.9
Compiling the firmware
Once the configuration files have been produced (manually or using the GUI), the binary
executable file (.s19) must be compiled and produced.
To do this, the STVD7 for inDART-STX is used with the Cosmic compiler (see Section 7.3).
1.
Run the STDV7 for inDART-STX and click on File > Open Workspace.
2.
Select the workspace file in the firmware working folder depending on the motor type
(see Section 7.4.1).
3.
The default project in use is opened by the environment and is shown on the left side of
the window below the opened ".stw" file.
4.
Make sure that "Release" is set as the active project configuration (see Figure 18).
Figure 18.
ST7VD active project configuration
5.
Use the Build menu to display and select the "rebuild all" command. The project is
compiled and built, and an executable file "<firmware name>.s19" is generated inside
the "release" folder in the workspace.
Brake voltage
Voltage level (expressed as a part of the 255th of the bus voltage) of the active braking stator
field.
Brake min speed
Brake stays active until the motor is brought below this rotor frequency.
Table 11.
"3-phase PMAC motor (sinewave)" advanced parameters (continued)
Parameters name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com