Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0432 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 37Page - STMicroelectronics UM0432 Datasheet HTML 38Page - STMicroelectronics UM0432 Datasheet HTML 39Page - STMicroelectronics UM0432 Datasheet HTML 40Page - STMicroelectronics UM0432 Datasheet HTML 41Page - STMicroelectronics UM0432 Datasheet HTML 42Page - STMicroelectronics UM0432 Datasheet HTML 43Page - STMicroelectronics UM0432 Datasheet HTML 44Page - STMicroelectronics UM0432 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
UM0432
Motor control operations
41/53
7.5.10
Detecting the BEMF using the internal reference
First of all, it is necessary to correctly size the value of the R39, R50 and R63 resistors using
the following formula.
Equation 4
Set the jumper as described in Table 14.
You must then configure the firmware. To do this, remove the comment in the following
define in the spec_settings.h file.
#define BEMF_SAMPLING_DURING_TON
To set the motor to run at 100% of the duty cycle, change the following defines in the
spec_settings.h file:
#define RV1_SEL 0
#define steady_duty
((u8)255)
#define Max_Duty ((u16)(((u16)(mem_MCPOH)<<16)+mem_MCPOL)+1)
This is the default configuration and the BEMF sampling is performed using the 2.5-V
internal reference.
7.5.11
Detecting the BEMF using the external reference VBus/2
The system can be set up to use VBus/2 as the external reference. In this case, in addition to
the settings described in Section 7.5.10, you must replace R74 using the formula:
Equation 5
Also set J21 between pins 2 and 3 and change the following define in the mtc.h file.
#define mem_MCRC_GE ((u8)71)
You must then calculate VBusth using the formula:
Equation 6
and modify the following define in the adc.c file replacing the calculated value:
#define HVBUS_THRESHOLD
VBusth
7.5.12
Detecting the BEMF using the external reference and reconstructed
neutral point of the motor
The system can also be configured to use the reconstructed neutral point of the motor as
reference.
To do this – in addition to the settings described in Section 7.5.10 – you must mount the R71
resistor with the same value as R39, R50 and R63, and set J21 between pins 1 and 2.
R
39 50 63
,,
55000
Vbus
2
--------------
⎝⎠
⎛⎞
2.5
–
----------------------------------------
=
R
74
117500
V
Bus
2.5
–
---------------------------
=
V
busth
V
Bus
1
+
()
R
74
R
74
47000
+
--------------------------------
1024
5
-------------
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com