Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0432 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 26Page - STMicroelectronics UM0432 Datasheet HTML 27Page - STMicroelectronics UM0432 Datasheet HTML 28Page - STMicroelectronics UM0432 Datasheet HTML 29Page - STMicroelectronics UM0432 Datasheet HTML 30Page - STMicroelectronics UM0432 Datasheet HTML 31Page - STMicroelectronics UM0432 Datasheet HTML 32Page - STMicroelectronics UM0432 Datasheet HTML 33Page - STMicroelectronics UM0432 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Motor control operations
UM0432
30/53
Start-up stator frequency
Sets the stator frequency during the start-up sequence (only in closed loop).
Max duration
Sets the maximum duration of the start-up sequence in milliseconds (ms) (only in
closed loop).
Min rotor frequency to validate
closed loop
Sets the rotor speed or frequency to validate the closed-loop mode (only in closed
loop).
Regulator settings
Integral coefficient (Ki)
Sets the value of the integral coefficient (Ki) of the proportional integrative (PI)
regulator.
Proportional coefficient (Kp)
Sets the value of the proportional coefficient (Kp) of the PI regulator.
Sampling time
Sets the regulator sampling frequency in milliseconds (ms).
Phase shift
Set phase shift according to
Ph/F Curve
Software sets (in run time) the actual phase shift from the Ph/F curve defined in
the advanced settings (based on the rotor speed).
Set phase shift according by
P3
Manual setting of the phase shift using potentiometer P3; the maximum CCW
position is 0° of phase shift and the maximum CW position is 360° of phase shift.
Change motor type
The Change Motor Type button enables the user to change the motor type (see
Figure 13).
Advanced settings
The Advanced Settings button enables the user to set the advanced parameters
(see Section 7.4.7).
Generate source files
The Generate Source Files button enables the user to generate the configuration
".h" files shown in Table 7: ".h" configuration files. A "Save" dialog window appears,
where the user can select the folder in which to create the file. The user must
choose the correct "source" directory in the firmware working folder (see
Section 7.4.1).
Table 10.
"3-phase PMAC motor (sinewave)" basic parameters (continued)
Parameter name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com