Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0432 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 24Page - STMicroelectronics UM0432 Datasheet HTML 25Page - STMicroelectronics UM0432 Datasheet HTML 26Page - STMicroelectronics UM0432 Datasheet HTML 27Page - STMicroelectronics UM0432 Datasheet HTML 28Page - STMicroelectronics UM0432 Datasheet HTML 29Page - STMicroelectronics UM0432 Datasheet HTML 30Page - STMicroelectronics UM0432 Datasheet HTML 31Page - STMicroelectronics UM0432 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Motor control operations
UM0432
28/53
Table 9.
"3-phase BLAC/DC (trapezoidal)" advanced parameters
Parameter name
Description
Switches PWM frequency
Pulse width modulation (PWM) frequency in kHz.
Switches PWM minimum off
time
PWM minimum off time in microseconds (µs) to detect the BEMF.
Complementary PWM signal
Enables or disables synchronous rectification.
Dead time
Value of dead time in µs (only if complementary PWM enabled).
Current loop
Current blanking window
Time window filter in milliseconds to prevent erroneous sampling of the current
after the PWM is turned ON.
Current event counter filter
Defines the number of counter events required to validate a current limitation event.
D and Z sampling parameters
Sampling clock
Sets the frequency of the sampling clock for D and Z events in kHz.
Unused MCIx input
Defines in which state the unused MCI input is fixed, either "Grounded" or "Hi-Z".
Zero crossing
After D blanking window
Sets the blanking window after a D event in microseconds (µs).
Z event counter filter
Defines the number of counter events required to validate a Z event.
Threshold voltage
Voltage set (in volts) for Z detection.
Demagnetization
After C blanking window
Sets the blanking window after a C event in microseconds (µs).
D event counter filter
Defines the number of counter events required to validate a D event.
Demagnetization method
Three methods are available: "all hardware", "alternate hardware/software" or "all
software".
Demagnetization time
fixed demagnetization time in microseconds (µs) (only with demagnetization
methods “all software”)
Force duty cycle during
demagnetization
Allows using a different value of the duty cycle rather than the one in the run time
setting.
Duty cycle
Value of duty cycle percentage forced during demagnetization.
Stop condition
Free wheeling
After stopping, the motor continues to spin freely.
DC current braking
Enables or disables DC current braking.
Brake level
Value of duty cycle percentage of PWM brake signal.
Brake time
Duration in milliseconds of the active brake.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com