Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0432 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 42Page - STMicroelectronics UM0432 Datasheet HTML 43Page - STMicroelectronics UM0432 Datasheet HTML 44Page - STMicroelectronics UM0432 Datasheet HTML 45Page - STMicroelectronics UM0432 Datasheet HTML 46Page - STMicroelectronics UM0432 Datasheet HTML 47Page - STMicroelectronics UM0432 Datasheet HTML 48Page - STMicroelectronics UM0432 Datasheet HTML 49Page - STMicroelectronics UM0432 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
Motor control operations
UM0432
46/53
Note:
Turning the P3 potentiometer modifies the "phase shift" parameter. To optimize driving, the
correct value of this parameter must be set. Finding the optimum value of the "phase shift"
can be useful to monitor the DC current provided by the power supply. You should try to
fine-tune the P3 potentiometer to minimize current absorption. When this parameter has
been found, the potentiometer P3 can be left at this value for all future tests.
During any state: idle, start, run or brake, a blinking red LED indicates a fault condition. A
fault condition is due to one of the following:
●
hardware overcurrent: current flowing inside the motor reaches a value greater than the
maximum allowed current of 7.65 A (see Section 7.4.16).
●
Over-voltage: the bus voltage reaches a value greater than 29 Vac.
●
Over-temperature: the on-board temperature sensor measures a temperature greater
than 110° C.
●
Start-up failed: no signal is received from the sensors at the end of the start-up
sequence.
●
Motor stalled: during the running of the motor no sensor signal has been observed.
7.7.6
Changing the real-time parameters
The real-time parameters can be changed using the control board’s potentiometers.
Table 22 explains the potentiometer functionality based on the driving strategy.
If during the GUI configuration phase the "set phase shift according to Pf/F curve" control
was checked, the value of the "phase shift" is not set by P3 but is calculated at run-time
based on the Pf/F curve (see Section 7.4.7).
The maximum current allowed by the GUI has been set to 8 A (see Section 7.4.8).
7.7.7
Stopping the motor (LED action)
Push the Start/Stop button to stop the motor. The LEDs toggle from green to red to indicate
an "idle" state.
Table 22.
Potentiometer functionality based on an open-/closed-loop driving strategy
Open loop
Closed loop
P1
Sets the voltage modulation index from 0% to 100%
of the bus voltage.
Sets the target rotor frequency value from the
minimum value to the maximum value configured
(see Section 7.4.6).
P2
Not used
P3
Manual setting of the phase shift. The maximum CCW position is 0° of the phase shift and the maximum
CW position is 360° of the phase shift.
P4
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com