Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0432 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 45Page - STMicroelectronics UM0432 Datasheet HTML 46Page - STMicroelectronics UM0432 Datasheet HTML 47Page - STMicroelectronics UM0432 Datasheet HTML 48Page - STMicroelectronics UM0432 Datasheet HTML 49Page - STMicroelectronics UM0432 Datasheet HTML 50Page - STMicroelectronics UM0432 Datasheet HTML 51Page - STMicroelectronics UM0432 Datasheet HTML 52Page - STMicroelectronics UM0432 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
UM0432
Bill of materials
49/53
66
R38,R42,R44,R49,R54,R56,
R62,R66,R76
22 k
Ω - 1/4 W
SMD 1206
67
R33,R37,R46,R48,R58,R60
22
Ω - 1/4 W
SMD 1206
68
R34,R35,R36,R74,R81
4.7 k
Ω - 1/4 W
SMD 1206
69
R40,R51,R61
220
Ω - 1/4 W
SMD 1206
70
R43,R55,R70
2.2 k
Ω - 1/4 W
SMD 1206
71
R52
0.07
Ω - 5 W
Through hole
72
R77
1.2 k
Ω - 1/4 W
SMD 1206
73
R82
2.7 k
Ω - 1/4 W
SMD 1206
74
R83
13 k
Ω - 1/4 W
SMD 1206
75
SW3
Reset button
Through hole
76
SW4
Start/stop button
Through hole
77
U1
STMicroelectronics TS271ACD (NC)
SMD
78
U2
STMicroelectronics ST7FMC2S4T6
SMD
79
U3
STMicroelectronics M95020-MN3TP/S
SMD
80
U9
STMicroelectronics LK112SM50TR
SMD
81
U10
STMicroelectronics L4976D
SMD
82
U11,U13,U14
STMicroelectronics L6387
SMD
83
U15,U17,U18
STMicroelectronics STS8DNH3LL
SMD
84
U16
STMicroelectronics L5970D
SMD
85
U19
STMicroelectronics TS274
SMD
86
X1
CSTCS-16MX
SMD
87
J2,J3,J4,J8,J11,J12,J13,J15,
J16,J17,J18,J19,J20,J23,J24
Jumpers to be assembled on relative connector
according to silk screen
N.A.
88
Spacer
Size 10 mm
N.A.
Table 23.
Bill of materials (continued)
Item
Reference
Part
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com