Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0432 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 41Page - STMicroelectronics UM0432 Datasheet HTML 42Page - STMicroelectronics UM0432 Datasheet HTML 43Page - STMicroelectronics UM0432 Datasheet HTML 44Page - STMicroelectronics UM0432 Datasheet HTML 45Page - STMicroelectronics UM0432 Datasheet HTML 46Page - STMicroelectronics UM0432 Datasheet HTML 47Page - STMicroelectronics UM0432 Datasheet HTML 48Page - STMicroelectronics UM0432 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
UM0432
Motor control operations
45/53
7.7.2
Specific jumper settings
Set-up the board as per the instructions in Section 7.4.12 (bus voltage between 9 and 28 V)
and Section 7.4.13.
Set-up the board as per Table 21.
7.7.3
LED action after power-on
Turn on the power supply. For this demonstration the power supply output voltage should be
set to 30 Vdc and the current limitation of the power supply should be set to 4 A.
After power-on, the control board LEDs should blink green and red alternatingly, signaling
that the firmware has started to run. After a while a green LED stays on indicating an "idle"
state.
7.7.4
Setting the potentiometers
Before running the motor the two potentiometers P1 and P3 must be set (see Table 22 for
the correct configuration).
7.7.5
Running the motor (LED action)
Push the Start/Stop button. After pushing the button, the LEDs toggle from green to red to
indicate the "run" state. Turn P1 in a clockwise direction. Keeping P1 fixed, turn P3 in a
clockwise direction until the motor runs.
Table 21.
PMAC SR jumper settings
Driving mode
Jumper settings
PMAC_3PH_SR
J11 open, J12 open, J13 between 2-3
J15 open, J16 open, J17 between 2-3
J18 open, J19 open, J20 between 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com