Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0432 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 33Page - STMicroelectronics UM0432 Datasheet HTML 34Page - STMicroelectronics UM0432 Datasheet HTML 35Page - STMicroelectronics UM0432 Datasheet HTML 36Page - STMicroelectronics UM0432 Datasheet HTML 37Page - STMicroelectronics UM0432 Datasheet HTML 38Page - STMicroelectronics UM0432 Datasheet HTML 39Page - STMicroelectronics UM0432 Datasheet HTML 40Page - STMicroelectronics UM0432 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
UM0432
Motor control operations
37/53
7.4.16
Changing the maximum allowed current level
An over-current protection mechanism is included inside the board to protect the system,
disabling all the power switches if the current that flows inside the motor is greater than a
given threshold. If this occurs, the red LED starts blinking. This mechanism is called
hardware current protection.
This threshold value is fixed by the hardware to 7.65 A. To change this threshold to IMAX, the
R77 resistor must be modified as per Equation 1 (changing the hardware current protection
threshold).
Equation 1
When the BLDC (trapezoidal) driving strategy is used, there is another current protection
mechanism called software current limitation, which regulates the current that flows inside
the motor. In current mode, the current is regulated to a certain value, and in voltage mode
the current is limited to a maximum value.
The maximum current allowed by this mechanism is related to the hardware and is fixed at
6.5 A. To change this threshold, the R20 resistor must be modified as described below.
First, the amplification factor called AMP must be calculated using Equation 2 (amplification
factor).
Equation 2
Then, the value of R20 can be calculated using Equation 3 (changing the maximum allowed
current).
Equation 3
After this modification, the "gui.ini" file must be modified. This file is inside the same folder
as the "LVST7MC - GUI" file.
Open the "gui.ini" file using the notepad tool and change the values of the following lines:
MAX_CURRENT = 8
…
AMP_SENS = 11
Replace the value 8 with IMAX expressed in amps and 11 with the AMP value calculated by
Equation 2.
Remember to close and re-open the "LVST7MC - GUI" file to activate this modification and
follow the instructions in Section 7.4.2.
R
77
10K
5
0.07
I
MAX
•
------------------------------
1
–
---------------------------------------------
=
AMP
5
0.07
I
MAX
•
------------------------------
=
R
20
AMP
1
–
() 10K
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com