Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2808 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 10Page - STMicroelectronics AN2808 Datasheet HTML 11Page - STMicroelectronics AN2808 Datasheet HTML 12Page - STMicroelectronics AN2808 Datasheet HTML 13Page - STMicroelectronics AN2808 Datasheet HTML 14Page - STMicroelectronics AN2808 Datasheet HTML 15Page - STMicroelectronics AN2808 Datasheet HTML 16Page - STMicroelectronics AN2808 Datasheet HTML 17Page - STMicroelectronics AN2808 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Configuration
AN2808
14/40
7.2
JP1 DDR2/DDR3 or power-saving mode (DDRSEL pin)
The JP1 jumper provides different options depending on the configuration of JP3. If the fixed
output voltage is selected (JP3 in the lower position), the user can choose between 1.8 V
(DDR2) or 1.5 V (DDR3), connecting JP1 as shown in Figure 10, and the pulse-skip mode is
set by default.
When the adjustable output voltage is selected (JP3 in the upper position), the same jumper
allows choosing between forced pulse width modulation (PWM), pulse-skip and non-audible
pulse-skip modes.
7.3
JP2 output discharge (DSCG pin)
The JP2 jumper is used to select the desired output discharge when both the S3 and S5
signals are tied low. In the upper position the outputs are not discharged at all, while in the
lower position the outputs are independently discharged using the internal MOSFETs (22
Ω
for VDDQ and VTT, 1.5 k
Ω for VTTREF). When JP2 is in the central position, the tracking-
discharge is programmed. This discharge mode relies on the LDOIN pin being connected to
the VDDQ output. See Section 10.7: VDDQ, VTT and VTTREF turn-off (soft end). If an
external rail is used to supply the LDO, the tracking discharge cannot be used as the device
can be damaged while attempting to sink 1 A from the LDO input.
Figure 12.
JP2 (DSCG) setting
Figure 10.
JP1 options when JP3 is in
the lower position
Figure 11.
JP1 options when JP3 is in
the upper position
1.5V output voltage
1.8V output voltage
(default position)
1.5V output voltage
AM00647v1
No Audible Pulse-Skip
Forced PWM
(default position)
Pulse-Skip
AM00648v1
Non -Tracking Discharge
No Discharge
(default position)
AM00649v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com