Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2808 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 13Page - STMicroelectronics AN2808 Datasheet HTML 14Page - STMicroelectronics AN2808 Datasheet HTML 15Page - STMicroelectronics AN2808 Datasheet HTML 16Page - STMicroelectronics AN2808 Datasheet HTML 17Page - STMicroelectronics AN2808 Datasheet HTML 18Page - STMicroelectronics AN2808 Datasheet HTML 19Page - STMicroelectronics AN2808 Datasheet HTML 20Page - STMicroelectronics AN2808 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AN2808
Getting started
17/40
9
Getting started
The following step-by-step power-up and power-down sequences are provided in order to
correctly evaluate the performance of the PM6670S board.
9.1
Power-up sequence
Working in an ESD-protected environment is highly recommended. Check all wrist straps
and mat earth connections before handling the PM6670S board. Connect the power
supplies as shown in the PM6670S test setup (Figure 14) and insert the meters in order to
perform the desired performance evaluation. Connect the scope probes as desired.
1.
Set the JP1, JP2, JP3 and JP5 jumpers in order to properly configure the PM6670S
board.
2.
Set the S3-S5 switches to the ON (upper) position. Do not change the jumper settings
when the board is powered.
3.
Set the VCC supply to 5 V ± 5% and the current limit to 100 mA.
4.
Set the VIN supply to a voltage in the range of 4.5 to 28 V. An initial test at 12 V and 3 A
current limit is suggested.
5.
Set all the loads to 0 A.
6.
Turn on the VIN supply.
7.
Turn on the VCC supply.
8.
Vary the VDDQ load from 0 A to 10 A.
9.
Vary the VTT load from 0 A to 2 A to test the source capability. To test the sink
capability use the dashed VTT load shown in Figure 14.
10. Vary the VTTREF load to test the source capability.
11. Vary the VIN supply from 4.5 to 28 V.
9.2
Power-down sequence
1.
Decrease the VTTREF and VTT loads to 0 A.
2.
Reduce the VDDQ load to 5 A.
3.
Decrease the VCC supply from 5 to 3.8 V in order to test the UVLO.
4.
Increase the VCC supply from 3.8 to 5 V to restart the device.
5.
Use the S3-S5 switches to enter/exit the S0-S3-S5 states.
6.
Turn off the VDDQ load.
7.
Turn off the VCC supply.
8.
Turn off the VIN supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com