Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2808 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 29Page - STMicroelectronics AN2808 Datasheet HTML 30Page - STMicroelectronics AN2808 Datasheet HTML 31Page - STMicroelectronics AN2808 Datasheet HTML 32Page - STMicroelectronics AN2808 Datasheet HTML 33Page - STMicroelectronics AN2808 Datasheet HTML 34Page - STMicroelectronics AN2808 Datasheet HTML 35Page - STMicroelectronics AN2808 Datasheet HTML 36Page - STMicroelectronics AN2808 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AN2808
PM6670S evaluation tests
33/40
Figure 39.
VTT current vs temperature, IVTT = 1.5 A
(g)
10.12
DDR memories (VDDQ = 2.5 V) characterization
The PM6670S is also suitable for DDR memories with a VDDQ rail equal to 2.5 V. The VTT
linear regulator is always tracking VTTREF, a buffered replica of the VDDQ half, so the
termination rail is equal to 1.25 V as required by the DDR JEDEC standards (JESD79 and
JESD8-9 specifications).
The following graphs show each rail load regulation.
g.
Average IC temperature = 67.9° C. Maximum internal IC temperature = 86.9° C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com