Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2808 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 15Page - STMicroelectronics AN2808 Datasheet HTML 16Page - STMicroelectronics AN2808 Datasheet HTML 17Page - STMicroelectronics AN2808 Datasheet HTML 18Page - STMicroelectronics AN2808 Datasheet HTML 19Page - STMicroelectronics AN2808 Datasheet HTML 20Page - STMicroelectronics AN2808 Datasheet HTML 21Page - STMicroelectronics AN2808 Datasheet HTML 22Page - STMicroelectronics AN2808 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AN2808
PM6670S evaluation tests
19/40
Figure 17.
VTT turn-on (S0), pulse-skip mode
10.2
VDDQ working mode
10.2.1
VDDQ forced pulse width mode
When the forced PWM working mode is selected (JP3 and JP1 in the upper position) the
inductor current is allowed to become negative and the following waveform can be captured.
Figure 18.
VDDQ = 1.8 V, VIN = 12 V, IVDDQ = 0 A, forced PWM mode
10.2.2
VDDQ pulse-skip mode
The default working mode is the pulse-skip mode, in which the low-side MOSFET is turned
off when the inductor current becomes equal to zero. This configuration guarantees
maximum efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com