Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2808 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 16Page - STMicroelectronics AN2808 Datasheet HTML 17Page - STMicroelectronics AN2808 Datasheet HTML 18Page - STMicroelectronics AN2808 Datasheet HTML 19Page - STMicroelectronics AN2808 Datasheet HTML 20Page - STMicroelectronics AN2808 Datasheet HTML 21Page - STMicroelectronics AN2808 Datasheet HTML 22Page - STMicroelectronics AN2808 Datasheet HTML 23Page - STMicroelectronics AN2808 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
PM6670S evaluation tests
AN2808
20/40
Figure 19.
VDDQ = 1.8 V, VIN = 12 V, IVDDQ = 0.5 A, pulse-skip mode
10.2.3
VDDQ non-audible pulse-skip mode
To avoid a too low switching frequency, the non-audible pulse-skip mode can be selected
(JP3 in the upper position and JP1 in the middle). The minimum switching frequency
allowed is 33 kHz, as shown in Figure 20.
Figure 20.
VDDQ = 1.8 V, VIN = 12 V, no load, no-audible pulse-skip mode (33 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com