Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2808 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 18Page - STMicroelectronics AN2808 Datasheet HTML 19Page - STMicroelectronics AN2808 Datasheet HTML 20Page - STMicroelectronics AN2808 Datasheet HTML 21Page - STMicroelectronics AN2808 Datasheet HTML 22Page - STMicroelectronics AN2808 Datasheet HTML 23Page - STMicroelectronics AN2808 Datasheet HTML 24Page - STMicroelectronics AN2808 Datasheet HTML 25Page - STMicroelectronics AN2808 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
PM6670S evaluation tests
AN2808
22/40
Figure 23.
VTT load regulation
10.4
VDDQ and VTT load transient responses
Transient load responses are evaluated by loading the VDDQ and VTT output rails with a
current slew rate of 2.5 A/
µs.
Figure 24.
VDDQ load transient (VIN = 12 V, LOAD = 0 A -> 8 A at 2.5 A/
µs),
pulse-skip mode
0,9
0,901
0,902
0,903
0,904
0,905
0,906
0,907
-30
-20
-10
0
10
20
30
Current [mA]
VTTREF
AM00654v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com