Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2808 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 30Page - STMicroelectronics AN2808 Datasheet HTML 31Page - STMicroelectronics AN2808 Datasheet HTML 32Page - STMicroelectronics AN2808 Datasheet HTML 33Page - STMicroelectronics AN2808 Datasheet HTML 34Page - STMicroelectronics AN2808 Datasheet HTML 35Page - STMicroelectronics AN2808 Datasheet HTML 36Page - STMicroelectronics AN2808 Datasheet HTML 37Page - STMicroelectronics AN2808 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
PM6670S evaluation tests
AN2808
34/40
Figure 40.
VDDQ load regulation, Vin = 12 V and switching frequency 400 kHz
Figure 41.
VDDQ load regulation, Vin = 5 V and switching frequency 400 kHz
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
2.550
0.001
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
NO AUD. PS
AM00661v1
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
0.001
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
NO AUD. PS
AM00662v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com