Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2808 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 32Page - STMicroelectronics AN2808 Datasheet HTML 33Page - STMicroelectronics AN2808 Datasheet HTML 34Page - STMicroelectronics AN2808 Datasheet HTML 35Page - STMicroelectronics AN2808 Datasheet HTML 36Page - STMicroelectronics AN2808 Datasheet HTML 37Page - STMicroelectronics AN2808 Datasheet HTML 38Page - STMicroelectronics AN2808 Datasheet HTML 39Page - STMicroelectronics AN2808 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
PM6670S evaluation tests
AN2808
36/40
Figure 44.
Efficiency vs load – VDDQ = 2.5 V, Vin = 12 V
Figure 45.
Efficiency vs load – VDDQ = 2.5 V, Vin = 5 V
When the input voltage is equal to 5 V the VDDQ rail efficiency is higher than 90%, with a
load greater than 4 mA. This can also be achieved with a very low load when the pulse skip
or non-audible pulse skip working mode is selected. The following two graphs show how the
switching frequency can change with the load: by decreasing the switching frequency the
regulator can greatly increase the efficiency.
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
NO AUD. PS
AM00666v1
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
NO AUD. PS
AM00667v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com