Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2808 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 23Page - STMicroelectronics AN2808 Datasheet HTML 24Page - STMicroelectronics AN2808 Datasheet HTML 25Page - STMicroelectronics AN2808 Datasheet HTML 26Page - STMicroelectronics AN2808 Datasheet HTML 27Page - STMicroelectronics AN2808 Datasheet HTML 28Page - STMicroelectronics AN2808 Datasheet HTML 29Page - STMicroelectronics AN2808 Datasheet HTML 30Page - STMicroelectronics AN2808 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AN2808
PM6670S evaluation tests
27/40
Figure 31.
UV protection, pulse-skip mode
10.8.2
Latched OV protection
If the output voltage is higher than the 115% nominal value, the over-voltage state is entered
and the low-side MOSFET is turned on. VTT and VTTREF are discharged through their
discharge MOSFETs.
Figure 32.
OV protection, pulse-skip mode
10.9
VTT current limit (foldback)
VTT LDO has a foldback protection feature which reduces the current limit to 1 A when the
VTT output voltage is outside the ±10% optimum power window. The current limit is restored
to 2 A when the output voltage re-enters the optimum power window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com