Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2808 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 21Page - STMicroelectronics AN2808 Datasheet HTML 22Page - STMicroelectronics AN2808 Datasheet HTML 23Page - STMicroelectronics AN2808 Datasheet HTML 24Page - STMicroelectronics AN2808 Datasheet HTML 25Page - STMicroelectronics AN2808 Datasheet HTML 26Page - STMicroelectronics AN2808 Datasheet HTML 27Page - STMicroelectronics AN2808 Datasheet HTML 28Page - STMicroelectronics AN2808 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AN2808
PM6670S evaluation tests
25/40
10.7
VDDQ, VTT and VTTREF turn-off (soft end)
10.7.1
Tracking discharge
The JP2 jumper, if placed in the middle, allows the output tracking to be discharged. When
S3 and S5 are pulled down, VTT discharges VDDQ by sinking 1 A and, at the same time,
tracks the VDDQ half. When VDDQ reaches approximately 400 mV, the output discharge
MOSFETs are all closed and each rail is finally discharged.
Figure 29.
VDDQ, VTTREF, VTT output voltages and LDO input current,
tracking discharge, no load on any rail
10.7.2
Non-tracking discharge
When the non-tracking discharge is programmed (JP2 in the lower position) and S3-S5 are
both tied to GND, each output rail is discharged through its discharge MOSFET, as depicted
in Figure 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com