Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3319 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 5Page - STMicroelectronics AN3319 Datasheet HTML 6Page - STMicroelectronics AN3319 Datasheet HTML 7Page - STMicroelectronics AN3319 Datasheet HTML 8Page - STMicroelectronics AN3319 Datasheet HTML 9Page - STMicroelectronics AN3319 Datasheet HTML 10Page - STMicroelectronics AN3319 Datasheet HTML 11Page - STMicroelectronics AN3319 Datasheet HTML 12Page - STMicroelectronics AN3319 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID18265 Rev 8
9/25
AN3319
SPV1040 description
The duty cycle set by the MPPT algorithm can be overwritten if one of the following is
triggered:
Overcurrent protection (OVC), peak current on low side switch
≥ 1.8 A
Overtemperature protection (OVT), internal temperature
≥ 155 °C
Output voltage regulation, V
CTRL
pin triggers 1.25 V
Output current regulation R
s
* (I
CTRL_PLUS
- I
CTRL_MINUS
)
≥ 50 mV
MPP-SET voltage V
MPP-SET
≤ 300 mV at the start-up and V
MPP-SET
≤ 450 mV in
working mode.
Application components must be carefully selected to avoid any undesired trigger of the
above thresholds.
In order to improve the overall system efficiency, and to reduce the BOM, the SPV1040 also
integrates a zero crossing block whose role is to turn-off the synchronous rectifier to prevent
reverse current flowing from output to input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com