Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3319 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 9Page - STMicroelectronics AN3319 Datasheet HTML 10Page - STMicroelectronics AN3319 Datasheet HTML 11Page - STMicroelectronics AN3319 Datasheet HTML 12Page - STMicroelectronics AN3319 Datasheet HTML 13Page - STMicroelectronics AN3319 Datasheet HTML 14Page - STMicroelectronics AN3319 Datasheet HTML 15Page - STMicroelectronics AN3319 Datasheet HTML 16Page - STMicroelectronics AN3319 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID18265 Rev 8
13/25
AN3319
Schematic and bill of material
L1
Inductor
10 μH
Coilcraft
Coilcraft
EPCOS
XAL6060-103
MSS7341-103
B82442T1103K050
J28
Super capacitor
220 nF
Panasonic
EECS0HD224H
Dout1
Protection diode
STMicroelectronics
SMM4F5.0
RS1
Output current sense
10 m
Ω
Cyntec
RL1220TR000FN
RF1, RF2
Noise filterirng resistors
1 k
Ω
Cyntec
RG2012P1001BN
CF1
Noise filtering capacitor
1 μF
EPCOS
C2012X7R1C105K
U27
QUAD comparator
STMicroelectronics
TS339
D1
Green LED
1.8 V, 2 mA
Avago Tech.
HLMP-1790
D4
Red LED
1.8 V, 2 mA
Avago Tech.
HLMP-1700
D5
Reference diode
STMicroelectronics
STPS160U
R6, R7
LED protection resistors
1 k
Ω
Cyntec
RG2012P1001BN
R8
Reference resistors
1 M
Ω
Cyntec
RG2012P105BN
R9
Charge status threshold
resistors
27 k
Ω
Cyntec
RG2012P2701BN
Table 1. BOM (continued)
Component
(alternate
label)
Name
Value
Supplier
Serial number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com