Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3319 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 12Page - STMicroelectronics AN3319 Datasheet HTML 13Page - STMicroelectronics AN3319 Datasheet HTML 14Page - STMicroelectronics AN3319 Datasheet HTML 15Page - STMicroelectronics AN3319 Datasheet HTML 16Page - STMicroelectronics AN3319 Datasheet HTML 17Page - STMicroelectronics AN3319 Datasheet HTML 18Page - STMicroelectronics AN3319 Datasheet HTML 19Page - STMicroelectronics AN3319 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
External component selection
AN3319
16/25
DocID18265 Rev 8
According to the maximum current (I
SC
) provided by the PV panel connected at the input,
the following formula can be used to select the proper capacitance value (C
OUT
) for a
specified maximum output voltage ripple (V
OUT_rp_max
):
Maximum voltage of this capacitor is strictly dependent on the output voltage range.
SPV1040 can support up to 5.2 V, so the suggested maximum voltage for these capacitors
is 10 V.
Low-ESR capacitors are a good choice to increase the whole system efficiency.
Output voltage partitioning
R
1
and R
2
are the two resistors used for partitioning the output voltage.
The said V
OUT_max
the maximum output voltage of the battery, R
1
and R
2
must be selected
according to the following rule:
Also, in order to optimize the efficiency of the whole system, when selecting R
1
and R
2
, their
power dissipation must be taken into account.
Assuming a negligible current flowing into the V
CTRL
pin, maximum power dissipation on the
series R
1
+R
2
is:
As an empirical rule, R
1
and R
2
should be selected to get:
Note:
In order to guarantee proper functionality of the VCTRL pin, the current flowing into the series
R1+R2 should be in the range between 2 µA and 20 µA.
Output voltage sensing capacitor
C
2
is placed in parallel to R
2
and as close as possible to the V
CTRL
pin.
Its role is to reject the noise on the voltage sensed by the V
CTRL
pin.
Capacitance value depends on the time constant resulting from R
2
(
τ
OUT
= C
2
*R
1
//R
2
) and
from the system switching frequency (100 kHz), as follows:
C
OU T
I
SC
F
SW
V
⋅
--------------------
≥
OUT_rp_max
R
1
R
2
-------
V
OUT
1.25
--------------
=
_max
-1
P
VC TR L_sns
V
OUT m ax
()2
R
1
R
2
+
--------------------------------
=
_
P
V C TR Lsns
0.01
V
OU T m a x
I
OU T m ax
⋅
()
⋅
«
_
_
_
ssw
F
1
10
out
∗
≅
τ
2
1
ssw
2
R
//
R
1
*
F
1
*
10
C
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com