Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3319 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3319 Datasheet HTML 1Page - STMicroelectronics AN3319 Datasheet HTML 2Page - STMicroelectronics AN3319 Datasheet HTML 3Page - STMicroelectronics AN3319 Datasheet HTML 4Page - STMicroelectronics AN3319 Datasheet HTML 5Page - STMicroelectronics AN3319 Datasheet HTML 6Page - STMicroelectronics AN3319 Datasheet HTML 7Page - STMicroelectronics AN3319 Datasheet HTML 8Page - STMicroelectronics AN3319 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID18265 Rev 8
5/25
AN3319
Boost switching application
2
Boost switching application
A step-up (or boost) converter is a switching DC-DC converter able to generate an output
voltage higher than (or at least equal to) the input voltage.
Referring to
Figure 1, the switching element (S
w
) is typically driven by a fixed frequency
square waveform generated by a PWM controller.
When S
w
is closed (t
on
) the inductor stores energy and its current increases with a slope
depending on the voltage across the inductor and its inductance value. During this time the
output voltage is sustained by C
OUT
and the diode does not allow any charge transfer from
the output to input stage.
When S
w
is open (t
off
), the current in the inductor is forced, flowing toward the output until
voltage at the input is higher than the output voltage. During this phase the current in the
inductor decreases while the output voltage increases.
Figure 3 shows the behavior of inductor current.
Figure 3. Inductor current in continuous mode
The energy stored in the inductor during t
on
is ideally equal to the energy released during
t
off
, therefore the relation between t
on
and t
off
can be written as follows:
where “D” is the duty cycle of the square waveform driving the switching element.
Boost applications can work in two different modes depending on the minimum inductor
current within the switching period, that is if it is not null or null respectively:
Continuous mode (CM)
Discontinuous mode (DCM)
D
t
on
t
on
t
of f
+
()
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com