Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3319 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 16Page - STMicroelectronics AN3319 Datasheet HTML 17Page - STMicroelectronics AN3319 Datasheet HTML 18Page - STMicroelectronics AN3319 Datasheet HTML 19Page - STMicroelectronics AN3319 Datasheet HTML 20Page - STMicroelectronics AN3319 Datasheet HTML 21Page - STMicroelectronics AN3319 Datasheet HTML 22Page - STMicroelectronics AN3319 Datasheet HTML 23Page - STMicroelectronics AN3319 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
SPV1040 parallel and series connection
AN3319
20/25
DocID18265 Rev 8
Appendix A
SPV1040 parallel and series connection
Output pins of many SPV1040s can be connected either in parallel or in series. In both
cases the output power (Pout) depends on light irradiation of each panel, on application
efficiency, and on the specific constraints of the selected topology.
The objective of this section is to explain how the output power is impacted by the selected
topology.
An example with 3 PV panels (panel1, panel2, panel3) is presented, but the conclusion can
be extended to a larger number of PV panels.
If the panel is lighted and the SPV1040 is on (it means that light irradiation intensity is such
that V
MPP-SET
≥ 0.3 V):
If the panel is completely shaded: P
OUTx
=0
SPV1040 parallel connection
This topology guarantees the desired output voltage even when only one panel is irradiated.
The obvious constraint of this topology is that V
OUT
is limited to the SPV1040 maximum
output voltage.
Figure 15 shows the parallel connection topology:
Figure 15. SPV1040 output parallel connection
The output partitioning (R
1
/R
2
) of each SPV1040 must be coherent with the desired V
OUTX
.
According to the topology:
V
OUT
=V
OUT1
=V
OUT2
=V
OUT3
I
OUT
=I
OUT1
+I
OUT2
+I
OUT3
]
3
..
1
x
[
=
P
OU T x
ηP
IN x
=
AM06711v1
PV3
SPV1040
Vo3+
Vo3-
PV3+
PV3-
PV2
SPV1040
Vo2+
PV2+
PV2
PV1
Vo2-
PV2-
SPV1040
Vo1+
PV1+
SPV1040
Vo1-
PV1-
OUT+
V
OUT-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com