Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3319 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 13Page - STMicroelectronics AN3319 Datasheet HTML 14Page - STMicroelectronics AN3319 Datasheet HTML 15Page - STMicroelectronics AN3319 Datasheet HTML 16Page - STMicroelectronics AN3319 Datasheet HTML 17Page - STMicroelectronics AN3319 Datasheet HTML 18Page - STMicroelectronics AN3319 Datasheet HTML 19Page - STMicroelectronics AN3319 Datasheet HTML 20Page - STMicroelectronics AN3319 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DocID18265 Rev 8
17/25
AN3319
External component selection
Output current sensing filter
R
s
is placed in the output rail between the I
CTRL_MINUS
and I
CTRL_PLUS
pins.
Its role is to sense the output current (I
OUT
) flowing toward the load. Voltage drop on R
s
is
sensed by the I
CTRL_MINUS
and I
CTRL_PLUS
pins and compared with the 50 mV internal
threshold.
The triangular waveform of the current and noise may cause unexpected triggering of the
50 mV threshold. This can be avoided with a filter such as the one shown below:
Figure 12. STEVAL-ISV006V2 IOUT filter
Suggested values are:
R
F1
=R
F2
= 1 k
Ω
C
F
= 1 μF
Output protection diode
If the load is not a battery, D
OUT
is required and placed in parallel to the output load. Its role
is to protect the devices in case a PV cell providing I
MP
> 0.5 A is connected when very low
load is connected.
In fact, SPV1040 is supplied by the V
OUT
pin, so in the above condition the device is still off
when the PV cell is connected and a voltage spike can occur damaging the converter and
the battery.
In order to guarantee the best system performance and reliability, D
OUT
should be selected
as follows:
V
BR
> V
OUT_max
V
CL
≤ 5.5 V
D
OUT
must be able to dissipate the following maximum power:
P
max
= I
SC
*V
CL
XSHUT resistor
The XSHUT pin controls SPV1040 turn-on (0.3 V
≤ XSHUT ≤ 5.2 V) or turn-off (XSHUT <
0.3 V).
R
S
50 m V
I
OUT m ax
----------------------
≅
_
AM06707v1
R
S
R
F1
R
F2
C
F
V
OUT
I
CTRL_PLUS
I
CTRL_MINUS
BAT+
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com