Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3319 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 17Page - STMicroelectronics AN3319 Datasheet HTML 18Page - STMicroelectronics AN3319 Datasheet HTML 19Page - STMicroelectronics AN3319 Datasheet HTML 20Page - STMicroelectronics AN3319 Datasheet HTML 21Page - STMicroelectronics AN3319 Datasheet HTML 22Page - STMicroelectronics AN3319 Datasheet HTML 23Page - STMicroelectronics AN3319 Datasheet HTML 24Page - STMicroelectronics AN3319 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
SPV1040 parallel and series connection
AN3319
22/25
DocID18265 Rev 8
Therefore:
For example, assuming P
OUT
= 3 W and V
OUT
= 12 V, then
V
OUTx
= 4 V.
Lower irradiation for one panel, for example on panel 2, causes lower output power, so
lower V
OUT2
due to the I
OUT
imposed by the topology:
The output voltage required by the load can be provided by the 1
st
and the 3
rd
SPV1040 but
only up to the limit imposed by each of their R
1
/R
2
partitionings.
Some examples can help in understanding the various scenarios assuming that each R
1
/R
2
limits V
OUTx
to 4.8 V.
Example 1:
Panel 2 has 75 % irradiation of panels 1 and 3:
Two SPV1040s (1
st
and 3
rd
) supply the voltage drop caused by the lower irradiation on
panel 2.
Warning:
SPV1040 is a boost controller, so VOUTx must be higher than
VINx, otherwise the SPV1040 turns off and the input power is
transferred to the output stage through the integrated P-
channel MOS without entering the switching mode.
OUT
OUTx
V
3
1
V
=
OUT
OU Tx
OUTx
I
P
V
=
3
OUT
1
OUT
2
OUT
V
*
4
3
V
*
4
3
V
=
=
W
1
P
P
3
OUT
1
OUT
=
=
W
75
.
0
P
4
3
P
1
OU T
2
OUT
=
=
W
75
.
2
P
P
P
P
3
OUT
2
OUT
1
OUT
OUT
=
+
+
=
A
23
.
0
12
75
.
2
V
P
I
OUT
OUT
OUT
=
=
=
V
35
.
4
23
.
0
1
V
V
3
OUT
1
OUT
=
=
=
V
26
.
3
23
.
0
75
.
0
V
2
OUT
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com